PART |
Description |
Maker |
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
UPD68011 UPD68070 UPD68041 UPD68001 |
Mixed Analog/Digital ASIC Mixed Signal ASICMA-8A. MA-9 Family Pamphlet | Pamphlet[06/2003] 混合模拟/数字混合信号ASIC的ASICMA - 8A型。马- 9系列单张|小册子[06/2003]
|
NEC, Corp.
|
M54549AL |
DUAL BI-DIRECTIONAL MOTOR DRIVER WITH BRAKE FUNCTION AND THERMAL SHUT DOWN FUNCTION
|
Mitsubishi Electric Semiconductor
|
MSP430F4481IPZ MSP430F4491IPZ MSP430F4491IPZR MSP4 |
MIXED SIGNAL MICROCONTROLLER <font color=red>[Old version datasheet]</font> MIXED SIGNAL MICROCONTROLLER
|
http:// TI store
|
TC62D723FNAG |
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
|
Toshiba Semiconductor
|
TC62D723FG |
16-Output constant current LED driver with the output gain control function and the PWM grayscale function
|
Toshiba Semiconductor
|
HN58V66AFP-10 HN58V65AFP-10 HN58V65AP-10 HN58V65AT |
64 k EEPROM (8-kword x 8-bit) Ready/Busy function/ RES function (HN58V66A) 64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) 64亩的EEPROM KWord的8位)就绪/忙功能水库功能(HN58V66A
|
Hitachi,Ltd. Hitachi Semiconductor
|
AD9860 AD9860-EB AD9860BSTRL AD9862 AD9862-EB AD98 |
Mixed-Signal Front-End (MxFE? Processor for Broadband Communications 10-/12-Bit Mixed Signal Front-End (MxFE? Processor for Broadband Communications 10-/12-Bit Mixed Signal Front-End (MxFE™) Processor for Broadband Communications 12-/14-Bit Mixed Signal Front-End (MxFE? Processor for Broadband Communications 12-/14-Bit Mixed Signal Front-End (MxFE™) Processor for Broadband Communications 12-/14-Bit Mixed Signal Front-End (MxFE Processor for Broadband Communications Mixed-Signal Front-End (MxFE Processor for Broadband Communications SPECIALTY TELECOM CIRCUIT, PQFP128 Mixed-Signal Front-End (MxFE Processor for Broadband Communications 混合宽带通信信号前端MxFE⑩)处理
|
Analog Devices, Inc.
|
CY8C21123-24SXI CY8C21223-24PVXI CY8C21223-24SXI C |
PSoC Mixed-Signal Array PSoC Mixed-Signal Array Preliminary Data Sheet
|
Cypress Semiconductor
|
HN58V66AI HN58V65API-10 HN58V65API-10E HN58V65AT-1 |
Memory>EEPROM>Parallel EEPROM 64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
|
RENESAS[Renesas Electronics Corporation]
|
CY8C24223A06 CY8C24223A-12PVXET CY8C24423A-12PVXE |
PSoC垄莽 Mixed-Signal Array PSoC? Mixed-Signal Array
|
Cypress Semiconductor
|
M38184AM-258FP M38184AM-256FP M38184MA-295FP M3818 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Low-Power Configurable Multiple-Function Gate 6-DSBGA -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-US8 -40 to 85 Low-Power Ultra-Configurable Multiple-Function Gate with 3-State Outputs 8-SM8 -40 to 85 Low-Power Configurable Multiple-Function Gate 6-SC70 -40 to 85
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|